Part Number Hot Search : 
NDC632P KBU601 E007280 2SD1824 SE13007 UP9508 HSD119 X9271TVI
Product Description
Full Text Search
 

To Download G5759 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ver: 0.5 apr 01, 2013 tel: 886-3-5788833 http://www.gmt.com.tw 1 G5759 global mixed-mode technology 400khz 4a synchronous step-down dc/dc features ? 4a output current ? stable with low esr output ceramic capaci- tors ? up to 90% efficiency ? 25a shutdown mode ? fixed 400khz frequency ? thermal shutdown ? cycle-by-cycle over current protection ? wide 7v to 18v operating input range ? available in dip-8 and sop-8 (fd) package applications ? pc monitors ? dsl modems ? distributed power systems ? pre-regulator for linear regulators general description the G5759 is a monolithic step-down switch mode regulator with a built in internal power mosfet. it achieves 4a continuous output current over a wide input supply range with excellent load and line regulation. current mode operation provides fast transient re- sponse and eases loop stabilization. fault condition protection includes cycle-by-cycle cur- rent limiting, output short circuit protection and thermal shutdown. in shutdown mode the regulator draws 25a of supply current. programmable soft-start over- writes the internal soft-start for various requirement of output power up ramp and minimizes the inrush supply current at initial startup. the G5759 r equires a minimum number of readily available standard external components. it is available in a dip-8 and sop-8 (fd) package. ordering information order number marking temp. range package (green) G5759z31u G5759 -40 c to +85 c dip-8 G5759f11u G5759 -40 c to +85 c sop-8 (fd) note: z3: dip-8 f1: sop-8 (fd) 1: bonding code u : tape & reel pin configuration typical application circuit output 5v/4a r1 52.5k 1% l1 15h 7/4 2/7 c5 0.1f 8/6,ep 3/8 bs in en lx fb comp gnd G5759 c2 22f/35v ceramic r2 10k 1% on c3 1.5nf r3 25k c6 open input 12v off 5/2 6/3 4/1 sop-8 (fd) G5759 in 8 6 5 1 2 3 4 en bs lx comp fb gnd vcc 7 note: recommend connecting the thermal pad to the ground for excellent power dissipation. thermal pad vcc c2 0.1f 1/5 c1 10f/35v ceramic dip-8 G5759 8 6 5 1 2 3 4 7 vcc fb comp en bs in lx gnd output 5v/4a r1 52.5k 1% l1 15h 7/4 2/7 c5 0.1f 8/6,ep 3/8 bs in en lx fb comp gnd G5759 c2 22f/35v ceramic r2 10k 1% on c3 1.5nf r3 25k c6 open input 12v off 5/2 6/3 4/1 sop-8 (fd) G5759 in 8 6 5 1 2 3 4 en bs lx comp fb gnd vcc 7 note: recommend connecting the thermal pad to the ground for excellent power dissipation. thermal pad vcc c2 0.1f 1/5 c1 10f/35v ceramic dip-8 G5759 8 6 5 1 2 3 4 7 vcc fb comp en bs in lx gnd


▲Up To Search▲   

 
Price & Availability of G5759

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X